Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE510 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE510
Description  Dual, Low noise, 150mA LDO regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE510 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE510 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                     
ACE510
                        Technology
D
ual, Low noise, 150mA LDO regulator
VER 1.2
4
Block Diagram
Recommended Work Conditions
Item
Min
Recommended
Max
Unit
Input Voltage Range
8
V
Ambient Temperature
-40
85
℃
Electrical Characteristics
(Test Conditions: C1=1uF, C2=C3=2.2uF,TA=25℃, unless otherwise specified.)
ACE510, fro arbitrary output voltage
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
1.8
8
V
Output Voltage
VOUT
Vin=Set Vout+1V
1mA≦Iout≦30mA
Vout
x0.98
Vout
x1.02
V
Maximum Output Current
IOUT(Max.)
Vin-Vout=1V
150
mA
Input-Output Voltage
Differential
Dropout
Voltage
Refer to the Electrical Characteristics by Output
Voltage
Line Regulation
ΔVOUT /
ΔVIN•VOUT
Iout=40mA
1.6V≦Vin≦8V
0.05
0.2
%/V
Load Regulation
ΔVOUT / ΔIOUT
Vin=Set Vout+1V
1mA≦Iout≦80mA
12
40
mA
Supply Current
Iss
Vin=Set Vout+1V
25
50
uA
Supply Current (Srandby)
Istandby
Vin=Set Vout+1V
0.2
1.0
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com