Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE510 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE510
Description  Dual, Low noise, 150mA LDO regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE510 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE510 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
                                                                                                                     
ACE510
                        Technology
D
ual, Low noise, 150mA LDO regulator
VER 1.2
5
Vce=Gnd
Output Voltage Temperature
Coefficiency
ΔVOUT /
ΔT•VOUT
Iout=30mA
±
100
ppm/℃
Ripple Rejection
PSRR
F=1kHz
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Short Current Limit
Llim
Vout=0V
20
mA
CE Pull down Resistance
Rpd
2.0
5.0
10.0
MΩ
CE Input Voltage “H”
Vceh
1.5
Vin
V
CE Input Voltage “L”
Vcel
0
0.25
V
Output Noise
en
BW=10Hz~100kHz
27
uVrms
Electrical Characteristics by Output Voltage
Dropout Voltage, VDIF(V)
Output Voltge Vout(V)
Condition
Typ
Max
Vout=1.5V
0.38 0.70
Vout=1.6V
0.36 0.65
Vout=1.7V
0.34 0.60
1.8≦Vout≦2.0
0.32 0.55
2.1≦Vout≦2.7
0.28 0.50
2.8≦Vout≦4.0
Iout=120mA
0.22 0.35
Typical Application Circuit
Out2
VOUT2
CE2
C3
ACE510
Vin
GND
VDD
Out1
VOUT1
CE1
C1
C2
Application hints:
Note 1:Input capacitor (Cin=1uF) is recommended in all application circuit.
Note 2:Output capacitor (C2=C3=1uF/2.2uF) is recommended in all application to assure the stability of
circuit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com