Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE515A
Description  300mA High Speed, Extremely Low Noise CMOS LDO Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE515A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
 
                                                                                                                  
ACE515A
                        Technology
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
6.5
V
Enable Input Voltage
VCE
-0.3 to VIN+0.3
V
Output Current
IOUT
450
mA
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-65 to 150
℃
Lead Temperature (Soldering, 10sec)
TLEAD
260
℃
Thermal Resistance
SOT-23-3
SOT-23-5
SC-70-5
SC-82
θJA
200
200
300
300
℃
/W
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
400
V
Note 1: Stresses greater than those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may
affect device reliability.
Packaging Type
SOT-23-5 /SC-70-5
SOT-23-3
SC-82
5
4
3
4
3
1
2
3
1
2
1
2
Pin Number
SOT-23-5 / SC-70-5
SOT-23-3
SC-82
Symbol
Function
1
3
4
VIN
Input voltage
2
1
2
GND
Ground
3
1
CE
Active high enable input pin, Logic high=enable,
logic low=shutdown
4
NC
No connection
5
2
3
VOUT
Regulated output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com