Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515A Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE515A
Description  300mA High Speed, Extremely Low Noise CMOS LDO Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515A Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE515A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 
                                                                                                                  
ACE515A
                        Technology
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
7
f=100Hz
65
Power Supply Rejection
Ratio
PSRR
Ripple 0.5Vp-p
VIN=4.3V
f=1KHz
65
dB
Output Voltage
Temperature Coefficient
(ΔVOUT /
ΔIOUT)/ ΔT
IOUT=30mA
±100
ppm/℃
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz≦f≦100kHz
50
uVrms
CE “High” Voltage
CE input voltage “High”
1.5
V
CE “Low” Voltage
CE input voltage “Low”
0.4
V
Thermal Shutdown
160
℃
Thermal Shutdown
Hysteresis
25
℃
ACE515A-4.15 Electrical Characteristics
(VIN=5.15V, TA=25℃, CIN=1μF, COUT=1μF Bold typeface applies over -40℃≦TJ≦85℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
VIN=5.15V
1mA≦IOUT≦30mA
4.067
4.15
4.233
V
Input Voltage
VIN
6
V
Maximum Output
Current
IOUT(Max.)
VIN*VOUT=1A, VOUT=4.06V
300
360
mA
Load Regulation
VRLOAD
VIN=5.15V
1mA≦IOUT≦300mA
13
mV
Line Regulation
VRLINE
5.15V≦VIN≦6V IOUT=30mA
1
mV
Dropout Voltage
VDROP
IOUT=10mA
IOUT=100mA
IOUT=300mA
6.5
65
200
10
100
300
mV
Quiescent Current
IQ
VIN=5.15V, IOUT=0mA
60
90
uA
Standby Current
ISTD
VIN=5.15V, VCE in OFF
mode
0.01
1.0
uA
f=100Hz
65
Power Supply Rejection
Ratio
PSRR
Ripple 0.5Vp-p
VIN=5.15V
f=1KHz
65
dB
Output Voltage
Temperature Coefficient
(ΔVOUT /
ΔIOUT)/ ΔT
IOUT=30mA
±100
ppm/℃
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz≦f≦100kHz
50
uVrms
CE “High” Voltage
CE input voltage “High”
1.5
V
CE “Low” Voltage
CE input voltage “Low”
0.4
V
Thermal Shutdown
160
℃
Thermal Shutdown
Hysteresis
25
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com