Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE515A
Description  300mA High Speed, Extremely Low Noise CMOS LDO Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE515A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 
                                                                                                                  
ACE515A
                        Technology
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
1 
Description
ACE515A series are 300mA, positive voltage regulator ICs fabricated by CMOS process.
Each of these ICs is equipped with a voltage reference, an error amplifier, a resistor network for setting
output voltage, a chip enable circuit, a current limit circuit and OTSD (over temperature shut down) circuit
to prevent the IC from over current and over temperature.
The ACE515A series have features of high ripple rejection, low dropout voltage, low noise, high output
voltage accuracy and low current consumption which make them ideal for use in various battery-powered
apparatus.
The ACE515A have 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.15V and 4.2V fixed voltage versions.
These ICs are available in tiny SC-70-5 and SC-82 packages as well as industry standard SOT-23-3 and
SOT-23-5 packages.
Features
• Excellent Ripple Rejection: 70dB Typical (1.8V Version)
• Low Dropout Voltage: 65mV (IOUT=100mA, 3.3V Version)
• Low Standby Current: 0.01μA Typical
• Low Quiescent Current: 60μA Typical
• Extremely Low Noise: 50μVrms Typical
• Maximum Output Current: 300mA (Min.)
• High Output Voltage Accuracy: ±2%
• Compatible with Low ESR Ceramic Capacitor
• Excellent Line/ Load Regulation
Application
• CDMA/ GSM Cellular Handsets
• Battery-powered Equipments
• Laptops, Palmtops, Notebook Computers
• Hand-held Instruments
• PCMCIA Cards
• Portable Information Appliances


Similar Part No. - ACE515A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512BNA+H ACE-ACE51512BNA+H Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512BNB+H ACE-ACE51512BNB+H Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512HN+H ACE-ACE51512HN+H Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51515BNA+H ACE-ACE51515BNA+H Datasheet
447Kb / 8P
Low Noise, fast response 300mA LDO regulator
VER 1.5
More results

Similar Description - ACE515A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com