Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE515A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE515A
Description  300mA High Speed, Extremely Low Noise CMOS LDO Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE515A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 
                                                                                                                  
ACE515A
                        Technology
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
3
Ordering information
Selection Guide
ACE515A XX XX + H
Functional Block Diagram
SOT-23-3
A(B)
A SOT-23-5 / SC-70-5
B SC-82
Recommended Work Conditions
Item
Symbol
Min
Max
Unit
Input Voltage
VIN
VOUT+0.5V
6
V
Operating Ambient
Temperature
TA
-40
85
℃
BN: SOT-23-5
BM: SOT-23-3
HN: SC-70-5
QM: SC-82
Output Voltage: 
1.5V/2.8V…..4.2V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com