Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE714 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE714
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE714 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
                                                                                                                      
ACE714
                        Technology
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
2
Typical Application
L1
D1
Vin
10uH
SS14
LED 1
LED 17
LED2
LED 18
+
Cin
+
Cout
4.7uF
4.7uF
LED 3
LED 19
ON
Vin
LX
OFF
ACE714 OVP
LED 4
LED 20
CE
FB
GND
R1
R5
ACE714
Figure 1. ACE714 Typical Application Circuit
Absolute Maximum Ratings
Parameter
Max
Input voltage
-0.3 to 8
CE Pin Voltage
-0.3 to (Vin+0.3V)
Lx Pin Output Current
1.6A
Lx Pin Voltage
24V
Operating Junction Temperature (TJ)
125℃
Ambient Temperature (TA)
-40℃ to 85℃
Power Dissipation SOT-23-6
250mW
Storage Temperature (Ts)
-40℃ to 150℃
Packaging Type
SOT-23-6
6
5
4
1
2
3
Pin
SOT-23-6
Function
LX
1
Switching Pin
GND
2
Ground Pin
FB
3
Pin for Feedback Voltage
CE
4
Chip Enable Pin (Active with “H”)
OVP
5
Over Voltage Protection
VIN
6
Power Supply Pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com