Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE714 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE714
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE714 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
                                                                                                                      
ACE714
                        Technology
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
5
Application Information
Dimming Control
1. Using a PWM Signal to CE Pin
When adding the PWM signal to CE pin, the ACE714 is turned on or off by the PWM signal, so the
LEDs operate at either zero or full current. The average LED current increase proportionally with the duty
cycle of the PWM signal. The frequency range of the PWM signal is from 1 kHz to 300KHz.
2. Using a DC Voltage
From the Figure 2, we can add a DC voltage to FB pin, we adjust the LED current by changing the DC
voltage, which control the brightness, DC voltage range is from 0V to 2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com