Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE714 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE714
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE714 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
                                                                                                                      
ACE714
                        Technology
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
1
 
Description
The ACE714 PFM step-up Converter drives white LEDs with a constant current to provide backlight in
cell phones, PDAs, and other handheld devices. It features allowing series connection of the white LEDs
so that the LED currents are identical for uniform brightness. An enable input can be pulsed repeatedly to
adjust LEDs brightness. The fast 500HKz to 2MHz operation frequency allows for smaller capacitor and
inductor. Fault condition protection uses cycle-by cycle current limiting to sense maximum inductor
current and over-voltage protection. The 0.2V low reference voltage minimized the power loss across the
current sense resistor.
The converter can operate from 2V to 6V, and capable of delivering maximum 200mA output current at
4-LEDs application with 3V input voltage is as low as 120uA. All of these features make ACE714 be
suitable for the portable devices, which are supplied by a single battery.
ACE714 is available in SOT-23-6 package that is PB free.
 
Features
Up to 24V Output Voltage
Wide Operation Range: 2V to 6V
Maximum 2MHz Operating Frequency
PWM Dimming Control
Shutdown Current <1uA
Current Limit Cycle-by-Cycle
Low Current Sense Threshold: 200mV
24V Over Output Voltage Protection
Compact SOT-23-6 Package
Application
Compact Back Light Module
Power Source for LED
Constant Current Source


Similar Part No. - ACE714

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
Step-up DC/DC Converter Backlight Driver
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
More results

Similar Description - ACE714

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
High Efficiency PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8534 BELLING-BL8534 Datasheet
175Kb / 11P
High Efficiency Low Noise PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
High Efficiency Low Noise PFM Step-up DC-DC Converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com