Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE714 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE714
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE714 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
                                                                                                                      
ACE714
                        Technology
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
3
Ordering Information
Selection Guide
ACE714 XX + H
Block Diagram
Electrical Characteristics
(TA=25℃, Vin=3V, VCE=3V, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Input Voltage
Vin
2
6
V
Feedback Voltage
VFB
0.19
0.20
0.21
V
FB Pin Bias Current
IFB
10
45
100
nA
Quiescent Current
IQ
VFB=0.3V
93
120
uA
VCE=0V
0.4
1.0
uA
Maximum switching Frequency
FOSC_MAX
VFB=0V
2
MHz
Switching Current Limit
ILimit
1.6
A
Switch VCESAT
VCESAT
ILX=300mA
260
mV
Switching pin Leak Current
ILX
VLX=5V
0.11
uA
CE Voltage High
VCEH
VCE=0 to 3V
0.65
V
CE Voltage Low
VCEL
VCE=3 to 0V
0.61
V
CE Pin Bias Current
ICE
18
uA
Over Voltage Protection
VOVP
24
V
Halogen - free
GM : SOT-23-6
Pb - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com