Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC424J600 Datasheet(PDF) 39 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 35Page - Microchip Technology ENC424J600 Datasheet HTML 36Page - Microchip Technology ENC424J600 Datasheet HTML 37Page - Microchip Technology ENC424J600 Datasheet HTML 38Page - Microchip Technology ENC424J600 Datasheet HTML 39Page - Microchip Technology ENC424J600 Datasheet HTML 40Page - Microchip Technology ENC424J600 Datasheet HTML 41Page - Microchip Technology ENC424J600 Datasheet HTML 42Page - Microchip Technology ENC424J600 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 37
ENC424J600/624J600
The user-defined area start address, EUDAST, is a
read/write register. For wrapping to work correctly, the
hardware enforces 16-bit even word alignment of this
register by internally having the Least Significant bit
tied off to ‘0’. Similarly, the user-defined area end
address, EUDAND, is a read/write register that is
forced to an odd memory address. The Least Signifi-
cant bit of EUDAND is internally tied to ‘1’. Applications
wishing to set up general purpose circular FIFOs in
memory using these hardware features must observe
these same alignment requirements.
If the user-defined area end address, EUDAND, is at a
higher memory address relative to the start address,
EUDAST, the buffer wraps to either EUDAST or the
beginning of memory, depending on where the
EUDARDPT or EUDAWRPT Pointers are located. This
is shown in Case 1 of Figure 3-8.
In some cases (for example, when accessing
fragmented data), it may be useful to place the
EUDAST Pointer at a higher memory address relative
to the end address. When organized in such a manner,
an “exclusion zone” in the middle of the memory range
is created; sequential read/write operations with the
user-defined area pointers will jump over the range of
addresses between EUDAND and EUDAST. This is
shown in Case 2.
If the user-defined buffer is not needed, it can
effectively be disabled by setting EUDAST and
EUDAND to addresses outside of the implemented
memory area. For example, if EUDAST is set to 6000h
and EUDAND is set to 6001h, EUDARDPT and
EUDAWRPT will never reach these addresses.
Instead, they wrap from the end of implemented RAM
to its beginning, as shown in Case 3.
When the user-defined buffer is disabled, the host con-
troller can use the EUDADATA interface as a second
general purpose window into RAM. Unlike the original
general purpose pointers, however, EUDARDPT and
EUDAWRPT do not wrap at the ERXST boundary,
thereby allowing access to the full SRAM buffer area.
This may be beneficial for debugging and testing
purposes where it may be desirable to read or write the
entire SRAM buffer in a single operation.
FIGURE 3-8:
CIRCULAR BUFFER WRAPPING USING THE EUDATA WINDOW
General Purpose
Buffer
0000h
5FFFh
Circular RX FIFO
Buffer
Unimplemented
EUDAST
EUDAND
General Purpose
Buffer
0000h
5FFFh
Circular RX FIFO
Buffer
Unimplemented
EUDAST
EUDAND
General Purpose
Buffer
0000h
5FFFh
Circular RX FIFO
Buffer
Unimplemented
EUDAST
EUDAND
Case 1:
EUDAND > EUDAST
Case 2:
EUDAST > EUDAND
Case 3:
EUDAST and EUDAND > 5FFFh
User-Defined Buffer Disabled
User-Defined Buffer with
“Exclusion Zone”
Normal User-Defined Buffer
Excluded
User-Defined
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com