Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC424J600 Datasheet(PDF) 91 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 91 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 87Page - Microchip Technology ENC424J600 Datasheet HTML 88Page - Microchip Technology ENC424J600 Datasheet HTML 89Page - Microchip Technology ENC424J600 Datasheet HTML 90Page - Microchip Technology ENC424J600 Datasheet HTML 91Page - Microchip Technology ENC424J600 Datasheet HTML 92Page - Microchip Technology ENC424J600 Datasheet HTML 93Page - Microchip Technology ENC424J600 Datasheet HTML 94Page - Microchip Technology ENC424J600 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 89
ENC424J600/624J600
TABLE 9-1:
RECEIVE STATUS VECTOR
Byte
Bit(s)
Field
Description
5
47:40 Zeros
00h
439
Zero
‘0’
38
Reserved
37
Reserved
36
Unicast Filter Match
Current frame met criteria for the Unicast Receive filter.
35
Pattern Match Filter Match
Current frame met criteria for the Pattern Match Receive filter as
configured when the packet was received.
34
Magic Packet™ Filter Match
Current frame met criteria for the Magic Packet Receive filter as
configured when the packet was received.
33
Hash Filter Match
Current frame met criteria for the Hash Receive filter as
configured when the packet was received.
32
Not-Me Filter Match
Current frame met criteria for the Not-Me Receive filter.
3
31
Runt Filter Match
Current frame met criteria for the Runt Packet Receive filter.
30
Receive VLAN Type Detected
Current frame was recognized as a VLAN tagged frame.
29
Receive Unknown Opcode
Current frame was recognized as a control frame but it contained
an unknown opcode.
28
Receive Pause Control Frame
Current frame was recognized as a control frame containing a
valid pause frame opcode and a valid destination address.
27
Receive Control Frame
Current frame was recognized as a control frame for having a
valid type/length designating it as a control frame.
26
Dribble Nibble
Indicates that after the end of this packet, an additional 1 to 7 bits
were received. The extra bits were thrown away.
25
Receive Broadcast Packet
Current frame has a valid Broadcast address.
24
Receive Multicast Packet
Current frame has a valid Multicast address.
2
23
Received Ok
Received packet had a valid CRC and no symbol errors.
22
Length Out of Range
Frame type/length field was larger than 1500 bytes (type field).
21
Length Check Error
Frame length field value in the packet does not match the actual
data byte length and specifies a valid length.
20
CRC Error
Frame CRC field value does not match the CRC calculated by the
MAC.
19
Reserved
18
Carrier Event Previously Seen
A carrier event was detected at some time since the last receive.
The carrier event is not associated with this packet. A carrier event
is activity on the receive channel that does not result in a packet
receive attempt being made.
17
Reserved
16
Packet Previously Ignored
A frame larger than 50,000 bit times occurred or a packet has
been dropped since the last receive.
1
15:0
Received Byte Count
Length of the received frame in bytes. This includes the
destination address, source address, type/length, data, padding
and CRC fields. This field is stored in little-endian format.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com