Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC424J600 Datasheet(PDF) 11 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 7Page - Microchip Technology ENC424J600 Datasheet HTML 8Page - Microchip Technology ENC424J600 Datasheet HTML 9Page - Microchip Technology ENC424J600 Datasheet HTML 10Page - Microchip Technology ENC424J600 Datasheet HTML 11Page - Microchip Technology ENC424J600 Datasheet HTML 12Page - Microchip Technology ENC424J600 Datasheet HTML 13Page - Microchip Technology ENC424J600 Datasheet HTML 14Page - Microchip Technology ENC424J600 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 9
ENC424J600/624J600
2.0
EXTERNAL CONNECTIONS
2.1
Oscillator
ENC424J600/624J600 devices are designed to
operate from a fixed 25 MHz clock input. This clock can
be generated by an external CMOS clock oscillator or
a parallel resonant, fundamental mode 25 MHz crystal
attached to the OSC1 and OSC2 pins. Use of a crystal,
rated for series resonant operation, will oscillate at an
incorrect frequency. To comply with IEEE 802.3 Ethernet
timing requirements, the clock must have no more than
±50 ppm of total error; avoid using resonators or clock
generators that exceed this margin.
When clocking the device using a crystal, follow the
connections shown in Figure 2-1. When using a CMOS
clock oscillator or other external clock source, follow
Figure 2-2.
FIGURE 2-1:
CRYSTAL OSCILLATOR
OPERATION
FIGURE 2-2:
EXTERNAL CLOCK
SOURCE
2.2
CLKOUT Pin
The Clock Out pin (CLKOUT) is provided for use as the
host controller clock or as a clock source for other
devices in the system. Its use is optional.
The 25 MHz clock applied to OSC1 is multiplied by a
PLL to internally generate a 100 MHz base clock. This
100 MHz clock is driven through a configurable
postscaler to yield a wide range of different CLKOUT
frequencies. The PLL multiplication adds clock jitter,
subject to the PLL jitter specification in Section 17.0
“Electrical Characteristics”. However, the postscaler
ensures that the clock will have a nearly ideal duty
cycle.
The CLKOUT function is enabled and the postscaler is
selected via the COCON<3:0> bits (ECON2<11:8>).
To create a clean clock signal, the CLKOUT output and
COCON bits are unaffected by all resets and
power-down modes. The CLKOUT function is enabled
out of POR and defaults to producing a 4 MHz clock.
This allows the device to directly clock the host
processor.
When the COCON bits are written with a new
configuration, the CLKOUT output transitions to the
new frequency without producing any glitches. No high
or low pulses with a shorter period than the original or
new clock are generated.
C1(3)
C2(3)
XTAL
OSC2
RS(1)
OSC1
RF(2)
To Internal Logic
Note 1: A series resistor, RS, may be required for
crystals with a low drive strength specification
or when using large loading capacitors.
2: The feedback resistor, RF , is typically 1.5 M
approx.
3: The load capacitors’ value should be derived
from the capacitive loading specification
provided by the crystal manufacture.
ENCX24J600
3.3V Clock from
External System(1)
OSC1
OSC2
Open
Note 1: Duty cycle restrictions must be observed.
ENCX24J600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com