Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC424J600 Datasheet(PDF) 89 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 89 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 85Page - Microchip Technology ENC424J600 Datasheet HTML 86Page - Microchip Technology ENC424J600 Datasheet HTML 87Page - Microchip Technology ENC424J600 Datasheet HTML 88Page - Microchip Technology ENC424J600 Datasheet HTML 89Page - Microchip Technology ENC424J600 Datasheet HTML 90Page - Microchip Technology ENC424J600 Datasheet HTML 91Page - Microchip Technology ENC424J600 Datasheet HTML 92Page - Microchip Technology ENC424J600 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 87
ENC424J600/624J600
It is possible for the host application to write to the
receive buffer. However, it is recommended not to do
so outside of the area protected by the Tail Pointer in
order to prevent it from being subsequently overwritten
by future receive packets.
ERXHEAD is a read-only register and may be updated
at any time by hardware. The high byte is shadowed to
ensure it can be safely read on 8-bit interfaces (SPI or
PSP). When reading ERXHEAD, read the low byte first.
This operation simultaneously copies the high byte to a
shadow register. Reading the high byte automatically
reads from this shadow register. This ensures that the
value has not been modified since the low byte was
obtained, even if another packet has been received in
the interim.
9.2.1
CONFIGURING PACKET
RECEPTION
Once the MAC and PHY are properly initialized, the
device is ready to begin receiving packets.
To enable reception:
1.
Program the ERXST Pointer (low byte first if
writing a byte at a time) to the first address to be
used for the receive buffer. This pointer must
indicate an even address. The Head Pointer,
ERXHEAD, will automatically be set to the same
value.
2.
In the host controller application, create a
variable, NextPacketPointer, to hold the
address value of the next received packet.
Initialize this variable to be equal to the current
value of ERXST.
3.
Program the Tail Pointer, ERXTAIL, to the last
even address of the buffer or 5FFEh.
4.
Configure
interrupts
as
desired.
See
Section 13.0 “Interrupts”
for more information.
5.
Set RXEN (ECON1<0>) to enable reception.
Once RXEN is set, it is recommended that ERXST not
be modified. The host controller must monitor the
ENCX24J600 to determine when a packet has arrived
and is ready to be processed. This is accomplished by
using the packet pending interrupt as described in
Section 13.1.5
“Received
Packet
Pending”
.
Alternatively, poll the PKTCNT bits for a non-zero
value.
9.2.2
STORAGE OF INCOMING PACKETS
Packets are stored sequentially in the receive buffer.
Each frame is stored as it was presented to the MAC,
including all padding and frame check (CRC) bytes, but
excluding any preamble or start of stream/frame delim-
iter bytes. Frames are always saved starting on an
even address, so those with an odd length skip one
byte before the next frame begins. A sample packet
stored in memory is shown in Figure 9-4.
When a packet is received, the hardware increments
the Packet Counter bits, PKTCNT (ESTAT<7:0>).
Incoming bytes are written sequentially, beginning at
the Head Pointer, ERXHEAD. If the Head Pointer
reaches the Tail Pointer, ERXTAIL, during reception, or
if incrementing the PKTCNT bits would cause an over-
flow, the packet will be discarded and the Head Pointer
restored.
Each received frame is preceded in memory by a
pointer to the next frame and a Receive Status Vector
(RSV). The RSV includes the length of the frame, and
flags indicating the type of packet and which filters
were matched. This format of the RSV is shown in
Table 9-1.
To retrieve a packet from the buffer:
1.
Verify that a packet is waiting by ensuring that
the PKTCNT<7:0> bits are non-zero or that
PKTIF (EIR<6>) is set.
2.
Begin reading at address pointed to by the
application
variable,
NextPacketPointer
(see
Section 9.2.1
“Configuring
Packet
Reception”
).
3.
Read the first two bytes of the packet, which are
the address of the next packet and write to
NextPacketPointer
.
4.
Read the next six bytes, which are the Receive
Status Vector (RSV).
5.
Read the Ethernet frame. The number of bytes
to be read is indicated by the received byte
count in the RSV read during step 4.
6.
As the frame is read and processed, incremental
amounts of memory buffer can be freed up by
updating the ERXTAIL Pointer value to the point
where the packet has been processed, taking
care to wrap back at the end of the received
memory buffer. Once the whole frame has been
processed, the final value of ERXTAIL should be
equal to (NextPacketPointer – 2).
7.
Set PKTDEC (ECON1<8>) to decrement the
PKTCNT bits. PKTDEC is automatically cleared
by hardware if PKTCNT decrements to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com