Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2364 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2364 Datasheet HTML 1Page - NXP Semiconductors LPC2364 Datasheet HTML 2Page - NXP Semiconductors LPC2364 Datasheet HTML 3Page - NXP Semiconductors LPC2364 Datasheet HTML 4Page - NXP Semiconductors LPC2364 Datasheet HTML 5Page - NXP Semiconductors LPC2364 Datasheet HTML 6Page - NXP Semiconductors LPC2364 Datasheet HTML 7Page - NXP Semiconductors LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
4.1 Ordering options
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
Ethernet USB
device +
4 kB
FIFO
SD/MMC GP DMA
Channels
Temp range
Local
bus
Ethernet
buffers
GP/USB
RTC
Total
CAN ADC
DAC
LPC2364FBD100
128
8
16
8
2
34
RMII
yes
no
yes
2
6
1
−40 °C to +85 °C
LPC2364HBD100 128
8
16
8
2
34
RMII
yes
no
yes
2
6
1
−40 °C to +125 °C
LPC2364FET100
128
8
16
8
2
34
RMII
yes
no
yes
2
6
1
−40 °C to +85 °C
LPC2365FBD100
256
32
16
8
2
58
RMII
no
no
yes
-
6
1
−40 °C to +85 °C
LPC2366FBD100
256
32
16
8
2
58
RMII
yes
no
yes
2
6
1
−40 °C to +85 °C
LPC2367FBD100
512
32
16
8
2
58
RMII
no
yes
yes
-
6
1
−40 °C to +85 °C
LPC2368FBD100
512
32
16
8
2
58
RMII
yes
yes
yes
2
6
1
−40 °C to +85 °C
LPC2368FET100
512
32
16
8
2
58
RMII
yes
yes
yes
2
6
1
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com