Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2364 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors LPC2364 Datasheet HTML 15Page - NXP Semiconductors LPC2364 Datasheet HTML 16Page - NXP Semiconductors LPC2364 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
13 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
P2[1]/PWM1[2]/
RXD1/
PIPESTAT0
74[1]
B10[1]
I/O
P2[1] — General purpose digital input/output pin.
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I
RXD1 — Receiver input for UART1.
O
PIPESTAT0 — Pipeline Status, bit 0.
P2[2]/PWM1[3]/
CTS1/
PIPESTAT1
73[1]
D8[1]
I/O
P2[2] — General purpose digital input/output pin.
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I
CTS1 — Clear to Send input for UART1.
O
PIPESTAT1 — Pipeline Status, bit 1.
P2[3]/PWM1[4]/
DCD1/
PIPESTAT2
70[1]
E7[1]
I/O
P2[3] — General purpose digital input/output pin.
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I
DCD1 — Data Carrier Detect input for UART1.
O
PIPESTAT2 — Pipeline Status, bit 2.
P2[4]/PWM1[5]/
DSR1/
TRACESYNC
69[1]
D9[1]
I/O
P2[4] — General purpose digital input/output pin.
O
PWM1[5] — Pulse Width Modulator 1, channel 5 output.
I
DSR1 — Data Set Ready input for UART1.
O
TRACESYNC — Trace Synchronization.
P2[5]/PWM1[6]/
DTR1/
TRACEPKT0
68[1]
D10[1]
I/O
P2[5] — General purpose digital input/output pin.
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
O
DTR1 — Data Terminal Ready output for UART1.
O
TRACEPKT0 — Trace Packet, bit 0.
P2[6]/PCAP1[0]/
RI1/
TRACEPKT1
67[1]
E8[1]
I/O
P2[6] — General purpose digital input/output pin.
I
PCAP1[0] — Capture input for PWM1, channel 0.
I
RI1 — Ring Indicator input for UART1.
O
TRACEPKT1 — Trace Packet, bit 1.
P2[7]/RD2/
RTS1/
TRACEPKT2
66[1]
E9[1]
I/O
P2[7] — General purpose digital input/output pin.
I
RD2 — CAN2 receiver input. (LPC2364/66/68 only)
O
RTS1 — Request to Send output for UART1.
O
TRACEPKT2 — Trace Packet, bit 2.
P2[8]/TD2/
TXD2/
TRACEPKT3
65[1]
E10[1]
I/O
P2[8] — General purpose digital input/output pin.
O
TD2 — CAN2 transmitter output. (LPC2364/66/68 only)
O
TXD2 — Transmitter output for UART2.
O
TRACEPKT3 — Trace Packet, bit 3.
P2[9]/
USB_CONNECT/
RXD2/EXTIN0
64[1]
F7[1]
I/O
P2[9] — General purpose digital input/output pin.
O
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor under
software control. Used with the SoftConnect USB feature. (LPC2364/66/68
only)
I
RXD2 — Receiver input for UART2.
I
EXTIN0 — External Trigger Input.
P2[10]/EINT0
53[6]
J10[6]
I/O
P2[10] — General purpose digital input/output pin.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to
take over control of the part after a reset.
I
EINT0 — External interrupt 0 input.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com