Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2364 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 4Page - NXP Semiconductors LPC2364 Datasheet HTML 5Page - NXP Semiconductors LPC2364 Datasheet HTML 6Page - NXP Semiconductors LPC2364 Datasheet HTML 7Page - NXP Semiconductors LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
8 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
6.2 Pin description
Row J
1
P0[28]/SCL0
2
P0[27]/SDA0
3
P0[29]/USB_D+
4
P1[19]/CAP1[1]
5
P1[22]/MAT1[0]
6
VSS
7
P1[28]/PCAP1[0]/
MAT0[0]
8
P0[1]/TD1/RXD3/SCL1
9
P2[13]/EINT3/
MCIDAT3/I2STX_SDA
10
P2[10]/EINT0
11
-
12
-
Row K
1
P3[26]/MAT0[1]/
PWM1[3]
2
VDD(3V3)
3
VSS
4
P1[20]/PWM1[2]/
SCK0
5
P1[23]/PWM1[4]/
MISO0
6
P1[26]/PWM1[6]/
CAP0[0]
7
P1[27]/CAP0[1]
8
P0[0]/RD1/TXD3/SDA1
9
P0[11]/RXD2/
SCL2/MAT3[1]
10
P2[12]/EINT2/
MCIDAT2/I2STX_WS
11
-
12
-
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol
Table 4.
Pin description
Symbol
Pin
Ball
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each
bit. The operation of Port 0 pins depends upon the pin function selected via
the pin connect block. Pins 12, 13, 14, and 31 of this port are not available.
P0[0]/RD1/TXD3/
SDA1
46[1]
K8[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input. (LPC2364/66/68 only)
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output (this is not an open-drain pin).
P0[1]/TD1/RXD3/
SCL1
47[1]
J8[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output. (LPC2364/66/68 only)
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output (this is not an open-drain pin).
P0[2]/TXD0
98[1]
C4[1]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.
P0[3]/RXD0
99[1]
A2[1]
I/O
P0[3] — General purpose digital input/output pin.
I
RXD0 — Receiver input for UART0.
P0[4]/
I2SRX_CLK/
RD2/CAP2[0]
81[1]
A8[1]
I/O
P0[4] — General purpose digital input/output pin.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by
the slave. Corresponds to the signal SCK in the I2S-bus specification.
I
RD2 — CAN2 receiver input. (LPC2364/66/68 only)
I
CAP2[0] — Capture input for Timer 2, channel 0.
P0[5]/
I2SRX_WS/
TD2/CAP2[1]
80[1]
D7[1]
I/O
P0[5] — General purpose digital input/output pin.
I/O
I2SRX_WS — Receive Word Select. It is driven by the master and received
by the slave. Corresponds to the signal WS in the I2S-bus specification.
O
TD2 — CAN2 transmitter output. (LPC2364/66/68 only)
I
CAP2[1] — Capture input for Timer 2, channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com