Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2364 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors LPC2364 Datasheet HTML 15Page - NXP Semiconductors LPC2364 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
LPC2364_65_66_67_68_6
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 1 February 2010
12 of 59
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
P1[20]/PWM1[2]/
SCK0
34[1]
K4[1]
I/O
P1[20] — General purpose digital input/output pin.
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I/O
SCK0 — Serial clock for SSP0.
P1[21]/PWM1[3]/
SSEL0
35[1]
F5[1]
I/O
P1[21] — General purpose digital input/output pin.
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I/O
SSEL0 — Slave Select for SSP0.
P1[22]/MAT1[0]
36[1]
J5[1]
I/O
P1[22] — General purpose digital input/output pin.
O
MAT1[0] — Match output for Timer 1, channel 0.
P1[23]/PWM1[4]/
MISO0
37[1]
K5[1]
I/O
P1[23] — General purpose digital input/output pin.
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I/O
MISO0 — Master In Slave Out for SSP0.
P1[24]/PWM1[5]/
MOSI0
38[1]
H5[1]
I/O
P1[24] — General purpose digital input/output pin.
O
PWM1[5] — Pulse Width Modulator 1, channel 5 output.
I/O
MOSI0 — Master Out Slave in for SSP0.
P1[25]/MAT1[1]
39[1]
G5[1]
I/O
P1[25] — General purpose digital input/output pin.
O
MAT1[1] — Match output for Timer 1, channel 1.
P1[26]/PWM1[6]/
CAP0[0]
40[1]
K6[1]
I/O
P1[26] — General purpose digital input/output pin.
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P1[27]/CAP0[1]
43[1]
K7[1]
I/O
P1[27] — General purpose digital input/output pin.
I
CAP0[1] — Capture input for Timer 0, channel 1.
P1[28]/
PCAP1[0]/
MAT0[0]
44[1]
J7[1]
I/O
P1[28] — General purpose digital input/output pin.
I
PCAP1[0] — Capture input for PWM1, channel 0.
O
MAT0[0] — Match output for Timer 0, channel 0.
P1[29]/
PCAP1[1]/
MAT0[1]
45[1]
G6[1]
I/O
P1[29] — General purpose digital input/output pin.
I
PCAP1[1] — Capture input for PWM1, channel 1.
O
MAT0[1] — Match output for Timer 0, channel 0.
P1[30]/VBUS/
AD0[4]
21[2]
H1[2]
I/O
P1[30] — General purpose digital input/output pin.
I
VBUS — Monitors the presence of USB bus power. (LPC2364/66/68 only)
Note: This signal must be HIGH for USB reset to occur.
I
AD0[4] — A/D converter 0, input 4.
P1[31]/SCK1/
AD0[5]
20[2]
F4[2]
I/O
P1[31] — General purpose digital input/output pin.
I/O
SCK1 — Serial Clock for SSP1.
I
AD0[5] — A/D converter 0, input 5.
P2[0] to P2[31]
I/O
Port 2: Port 2 is a 32-bit I/O port with individual direction controls for each
bit. The operation of Port 2 pins depends upon the pin function selected via
the pin connect block. Pins 14 through 31 of this port are not available.
P2[0]/PWM1[1]/
TXD1/
TRACECLK
75[1]
B9[1]
I/O
P2[0] — General purpose digital input/output pin.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
O
TXD1 — Transmitter output for UART1.
O
TRACECLK — Trace Clock.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com