Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9536DP Datasheet HTML 1Page - NXP Semiconductors PCA9536DP Datasheet HTML 2Page - NXP Semiconductors PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
2 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
3.
Ordering information
[1]
Also known as MSOP8.
4.
Block diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type
number
Topside
mark
Package
Name
Description
Version
PCA9536D
PCA9536
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCA9536DP
9536
TSSOP8[1]
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
PCA9536TK
9536
HVSON8
plastic thermal enhanced very thin small
outline package; no leads; 8 terminals;
body 3
× 3 × 0.85 mm
SOT908-1
All I/Os are set to inputs at reset.
Fig 1.
Block diagram of PCA9536
PCA9536
POWER-ON
RESET
002aab851
I2C-BUS/SMBus
CONTROL
INPUT
FILTER
SCL
SDA
VDD
INPUT/
OUTPUT
PORTS
IO0
VSS
4-bit
write pulse
read pulse
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com