Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
7 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
6.4 Device address
6.5 Bus transactions
Data is transmitted to the PCA9536 registers using the Write mode as shown in Figure 7
and Figure 8. Data is read from the PCA9536 registers using the Read mode as shown in
Figure 9 and Figure 10. These devices do not implement an auto-increment function, so
once a command byte has been sent, the register which was addressed will continue to
be accessed by reads until a new command byte has been sent.
Remark: At power-on reset, all registers return to default values.
Fig 5.
Simplified schematic of IO0 to IO3
VDD
IO0 to IO3
output port
register data
configuration
register
DQ
CK
Q
data from
shift register
write configuration
pulse
output port
register
DQ
CK
write pulse
polarity inversion
register
DQ
CK
data from
shift register
write polarity
pulse
input port
register
DQ
CK
read pulse
input port
register data
polarity inversion
register data
002aab852
FF
data from
shift register
FF
FF
FF
Q1
100 k
Ω
Q2
VSS
Fig 6.
PCA9536 device address
R/W
002aab853
1
0
0
0
0
0
1
fixed
slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com