Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors PCA9536DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
8 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
Fig 7.
Write to Output Port register
0000010
A
S1
START condition
R/W
acknowledge
from slave
002aab854
A
acknowledge
from slave
SCL
SDA
A
write to port
data out
from port
P
tv(Q)
9
8
7
6
5
4
3
2
1
command byte
acknowledge
from slave
data to port
DATA 1
slave address
0000001
0
STOP
condition
data 1 valid
Fig 8.
Write to Configuration register or Polarity Inversion register
0000010
A
S1
START condition
R/W
acknowledge
from slave
002aab855
A
acknowledge
from slave
SCL
SDA
A
data to
register
P
9
8
7
6
5
4
3
2
1
command byte
acknowledge
from slave
data to register
DATA
slave address
000000 1/0
0
STOP
condition
Fig 9.
Read from register
0000010
A
S1
START condition
R/W
acknowledge
from slave
002aab856
A
acknowledge
from slave
SDA
A
P
command byte
acknowledge
from master
data from register
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
0000011
A
1
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
data from register
DATA (last byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com