Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors PCA9536DP Datasheet HTML 12Page - NXP Semiconductors PCA9536DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
9 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
7.
Application design-in information
This figure assumes the command byte has previously been programmed with 00h.
Transfer of data can be stopped at any moment by a STOP condition.
Fig 10. Read Input Port register
0000011
A
S1
START condition
R/W
acknowledge
from slave
002aab857
A
acknowledge
from master
SCL
SDA
NA
read from
port
data into
port
P
th(D)
9
8
7
6
5
4
3
2
1
data from port
no acknowledge
from master
data from port
DATA 4
slave address
DATA 1
STOP
condition
DATA 2
DATA 3
DATA 4
tsu(D)
Device address is 1000 001X; IO0, IO2, IO3 configured as outputs; IO1 configured as input.
Fig 11. Typical application
PCA9536
IO0
IO1
SDA
SCL
VDD
002aab858
SDA
SCL
10 k
Ω
10 k
Ω
IO2
IO3
VDD
VSS
MASTER
CONTROLLER
VSS
VDD
2 k
Ω
SUBSYSTEM 1
(e.g. temp. sensor)
INT
SUBSYSTEM 2
(e.g. counter)
RESET
controlled switch
(e.g. CBT device)
A
B
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com