Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCBA
Description  Connector for ExpressCard?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCBA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCBA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
57
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
PC board mounting hole dimensions
(Viewed from the mounting face side)
Minimum packing unit
(pcs.)
F
0.18
center
ExpressCard™
PC board
mounting side
PC board
mounting side
(1.3)
7.45
end pos.
ExpressCard™
5.3
(39.1)
32
18.5
35
29.4
37.2
10
36.6
32.3
29.80
34.10
position
Initial
position
Pop up
position
Push end
Unit:mm
Dimensions
Style
No.
Standard mount
Media ejection
structure
2 step
lever ejection type
Mounting system
Stand-off
(mm)
1.6
Position
of knob
Right
Reverse mount
0
1.75
550
550
120
550
120
120
Drawing
No.
1
2
3
Product No.
Pin header
SCBA7M0100
Pin header
SCBA2M0100
Ejector
SCBB2B0100
Pin header
SCBA8M0100
Ejector
SCBB8B0100
Ejector
SCBB7B0100
Product Line
1.
F It is requested that the order placed be an integer multiple of the minimum order units.
2. The pin headers and the ejectors are supplied as separate parts. When using them, solder a pin header to a printed
circuit board, assemble an ejector to the pin header and screw it.
3. For export packing, please consult us.
Notes
Standard mount
1
Stand-off 1.6mm
2-ø0.9
34.2
max.
31.4
min.
20.5
40.7 min.
max.
35.5
3.3
10
(1
G25=25)
Pitch1
0.7
31.5
min.
19.4
2.95
2-GND pad
min.
33
min.
30.5
3
7.85
34.15
29.85
No part mounting
1.2mm max.
5.3mm max.
Connector for ExpressCard™
SCBA/SCBB Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com