Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SCBA
Description  Connector for ExpressCard?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCBA Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SCBA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
59
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
200
100
250˚C max.
220˚C
190
%10˚C
Time (s)
55 sec. (max.)
90
%30 sec.
Room
temperature
Heating time
sec.
Pre-heating
Soldering Conditions
Example of Reflow Soldering Condition
(Reference)
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T).
3. Temperature profile.
Cautions for using this product
1. When soldering terminals, there is a danger that load placed on the terminals may cause rattle, deformation or
electrical degradation to occur depending on the conditions. Caution is therefore required.
2. When soldering, do not use water soluble flux because this may corrode the product.
3. Regarding the setting of reflow conditions, please confirm them with the actual mass production conditions.
4. As PC board warping may alter characteristics, please take this into consideration when designing pattern and
layout.
Connectors for ExpressCard™



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com