Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCBA
Description  Connector for ExpressCard?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCBA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCBA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
56
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Compact low-profile and power-saving structure conforms to PCMCIA Unified
Standard.
Simple structure contributes to compact and light weight
body.
Eject knob can be applied to the left or right side.
Also available in stand-off.
Pin header (SCBA) is provided with an adsorption area
allowing automatic mounting.
Features
For set top boxes, printers, digital still cameras, car navigation
systems, personal digital assistants, PCs and AV equipment
Applications
Typical Specifications
Items
Specifications
Structure
Applicable media
Mounting method
Performance
Operating
temperature range
Voltage proof
Insulation resistance
(Initial)
Contact resistance
(Initial)
Insertion and
removal cycle
26 pins
1mm
Surface mounting type
Mounting system
Standard mount / Reverse mount
ExpressCard™34/54 which confirm to
ExpressCard™ standard
–20
℃ to +70℃
500V AC 1minute
1,000M
Ω min.
120m
Ω max.
5,000cycles
Contact pitch
Number of contacts
Connector for ExpressCard™
SCBA/SCBB Series


Similar Part No. - SCBA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCBA017 TI-SCBA017 Datasheet
1Mb / 14P
XTR111 Demonstration Fixture Users Guide
Revised April 2013
SCBA017D TI2-SCBA017D Datasheet
1Mb / 34P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
MAY 2011
logo
Semtech Corporation
SCBA05F SEMTECH-SCBA05F Datasheet
65Kb / 2P
FAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SCBA05FF SEMTECH-SCBA05FF Datasheet
64Kb / 2P
SUPERFAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
SCBA10FF SEMTECH-SCBA10FF Datasheet
64Kb / 2P
SUPERFAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
More results

Similar Description - SCBA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
Power switch for ExpressCard
logo
National Instruments Co...
NIPXI-8360 NI-NIPXI-8360 Datasheet
552Kb / 3P
Laptop Control of PXI with ExpressCard (ExpressCard MXI
logo
Rohm
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
Power Switch ICs for ExpressCard
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
Power Switch IC for ExpressCard
logo
National Instruments Co...
NIEXPRESSCARD-GPIB NI-NIEXPRESSCARD-GPIB Datasheet
324Kb / 3P
GPIB Plug-In Interface for ExpressCard
logo
Cherry Semiconductor Co...
SR-4300 CHERRY-SR-4300 Datasheet
405Kb / 2P
ExpressCard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com