Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCBA
Description  Connector for ExpressCard?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCBA Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCBA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCBA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
58
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
Dimensions
Unit:mm
2
3
Connector for ExpressCard™
SCBA/SCBB Series
42
(40)
(39.2)
37
18.1
ExpressCardª
engagement face
6.1
Push end
position
Initial
position
Pop up
position
6
38.1
45.8
21.2
ExpressCardª
Center
(0.7)
Mounting face
φ
2.4
(0.5)
ExpressCardª
Bottom face
19.35
44
42
(40)
(39.2)
37
18.1
ExpressCardª
engagement face
7.8
32
10
Push end
position
Initial
position
Pop up
position
5.3
34.9
31.2
ExpressCardª center
(2.45)
(1.9)
(0.2)
2.15
Mounting face
58.7 (note4)
φ
2.4
19.35
(Note4)
ExpressCardª
bottom face
39.35(Note4)
Reverse mount
Stand-off 0mm
Stand-off 1.75mm
No part mounting
46.5
ExpressCardª
engagement face
40.7 min.
19.4 min.
3.5
2.6
2.6
1.6 max.
36.85
32.4
45゚
5
18.6 min.
42.6 min.
2.5
ExpressCardª
Recommend PC board layout
(mounting face side)
19.35
44
30.7
25
Pitch1
26-0.7
18.6 min.
35.5 max.
3.7mm max.
No part mounting
31.4 max.
40.7 min.
ExpressCardª
engagement face
35.5 max.
19.4 min.
3.5
2.6
2.6
1.6 max.
31.4 max.
32.4
6
18.6 min.
42.6 min.
ExpressCardª
Recommended PC board layout
(mouting face side)
19.35
39.36
30.7
25
Pitch1
26-0.7
18.6 min.
6
No part mounting
5.9mm max.
No part mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com