Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCZA Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SCZA
Description  Connector for W-SIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCZA Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SCZA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
For
Memory
Stick™
Connector for W-SIM
SCZA Series
Card center
Connector center
Connector center
29.5
0.6
C 0.1
13.65
1.3
31.3
(1)
Center of gravity
(Vacuum point)
18-0.4
1.125
2.275
3.425
4.575
5.725
6.875
8.025
9.175
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
No parts area
No pattern area
Land area
15.95 min.
14.25 max.
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
18-0.8 min.
9.175
8.025
6.875
5.725
4.575
3.425
2.275
1.125
15.95 min.
14.25 max.
13 min.
15.05 min.
15.05 min.
10.4 min.
14.25 max.
14.25 max.
15.95 min.
15.95 min.
Dimensions
Unit:mm
1
Push-push type
Without boss L type
2
Push-push type
With boss L type
No Part Area
Land
No Pattern Area
15.95 min.
14.25 max.
15.95 min.
14.25 max.
18-0.8 min.
13 min.
15.05 min.
14.25 max.
15.95 min.
15.95 min.
14.25 max.
15.05 min.
10.4 min.
V1.1
13.65
1.125
2.275
3.425
4.575
5.725
6.875
8.025
9.175
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
1.1
Connector center
Connector center
Card center
1.3
31.3
29.5
Center of gravity
(vacuum point)
(1)
9.175
8.025
6.875
5.725
4.575
3.425
2.275
1.125
18-0.4
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com