Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCZA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCZA
Description  Connector for W-SIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCZA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCZA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
29
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Connector for W-SIM
SCZA Series
High reliability contact structure best fit for portable devices.
Improved operability from long ejection stroke (5mm) and
clear click feel.
Good operational feel.
Double contact-point for power and ground reduces risk of
temporary power failure.
Compact and low-profile suitable for portable devices.
●
●
●
●
Features
For mobile phones, PCs, and personal digital assistants
●
Applications
Tray
W-SIM
Standard mount
Surface mounting type
Push-push type, Manual insertion/removal
500V AC 1minute
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−20℃ to +60℃
1,000M
Ω min.
100m
Ω max.
10,000cycles
Operating
temperature range
Performance
Contact
resistance
(Initial)
Insertion and
removal cycle
Voltage proof
Insulation
resistance
(Initial)
Typical Specifications
Media ejection
structure
Push-push
type
Standard
mount
Mounting
system
Features
Without boss L type
With boss L type
Without boss 0.6mm type
With boss 0.6mm type
Without boss 1.2mm type
With boss 1.2mm type
With boss L type
Without boss 0.6mm type
Stand-off
(mm)
0
Packing system
SCZA1A0100
Product No.
1
SCZA1A0200
2
SCZA1A0300
3
SCZA1A0400
4
SCZA1A0500
5
SCZA1A0600
6
Manual
insertion/removal
SCZA2A0100
7
SCZA2A0200
8
Drawing No.
Product Line


Similar Part No. - SCZA

ManufacturerPart #DatasheetDescription
logo
Eravant
SCZ-0131831509-SFSF-43 ERAVANT-SCZ-0131831509-SFSF-43 Datasheet
289Kb / 4P
Coaxial Hybrid Coupler, 1 to 18 GHz, 90 Degrees
Rev 1.3
SCZ-0131831509-SFSF-46-AL ERAVANT-SCZ-0131831509-SFSF-46-AL Datasheet
354Kb / 4P
Coaxial Hybrid Coupler, 1 to 18 GHz, 90 Degrees Thermal Vaccum Safe
Rev 1.0
SCZ-0131831518-SFSF-43 ERAVANT-SCZ-0131831518-SFSF-43 Datasheet
371Kb / 4P
Coaxial Hybrid Coupler, 1 to 18 GHz, 180 Degrees
Rev 1.2
SCZ-0230832009-SFSF-43 ERAVANT-SCZ-0230832009-SFSF-43 Datasheet
327Kb / 3P
Coaxial Hybrid Coupler, 2 to 8 GHz, 90 Degrees
Rev 1.1
SCZ-0232431209-SFSF-43 ERAVANT-SCZ-0232431209-SFSF-43 Datasheet
265Kb / 2P
Coaxial Hybrid Coupler, 2 to 24 GHz, 90 Degrees
More results

Similar Description - SCZA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCGC ALPS-SCGC Datasheet
114Kb / 3P
Connector for SIM Card 8pins
logo
SUYIN USA, INC.
254042MA006G111ZL SUYIN-USA-254042MA006G111ZL Datasheet
134Kb / 1P
SIM CARD CONNECTOR
254042MA006G116ZL SUYIN-USA-254042MA006G116ZL Datasheet
170Kb / 1P
SIM CARD CONNECTOR
logo
Molex Electronics Ltd.
1578314 MOLEX11-1578314 Datasheet
756Kb / 7P
SIM CONNECTOR ASSY
logo
Adam Technologies, Inc.
SCC-B-06-SMT-27-TR ADAM-TECH-SCC-B-06-SMT-27-TR Datasheet
95Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com