Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCZA Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SCZA
Description  Connector for W-SIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCZA Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SCZA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
31
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
14.675
15.05 min.
Hole
13 min.
10.4 min.
4-1.1
4-0.5
1.125
2.275
3.425
4.575
5.725
6.875
8.025
9.175
15.05 min.
29.35
4-R0.5
No Part Area
Land
No Pattern Area
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
18-0.8 min.
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
Dimensions
Unit:mm
3
Push-push type
Without boss 0.6mm type
4
Push-push type
With boss 0.6mm type
14.675
15.05 min.
15.05 min.
Hole
13 min.
10.4 min.
4-1.1
4-0.5
1.125
1.1
2.275
3.425
4.575
5.725
6.875
8.025
9.175
29.35
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
18-0.8 min.
13.65
No Part Area
Land
No Pattern Area
No Part Area
Land
No Pattern Area
Center of gravity
(vacuum point)
29.5
(1)
Card center
Connector center
29.2
1.3
A L P S
4-0.6
Connector center
18-0.4
1.125
2.275
3.425
4.575
5.725
6.875
8.025
9.175
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
Connector center
18-0.4
1.125
2.275
3.425
4.575
5.725
6.875
8.025
9.175
11.775
10.625
9.475
8.325
7.175
6.025
4.875
3.725
2.2
0.4
A L P S
29.5
(1)
C0.1
4-0.6
0.6
Center of gravity
(vacuum point)
1.3
Connector center
Card center
13.65
29.2
Connector for W-SIM
SCZA Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com