Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCZA Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SCZA
Description  Connector for W-SIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCZA Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SCZA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCZA Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
33
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
PC board mounting hole dimensions
(Viewed from the mounting face side)
No.
Style
Dimensions
Unit:mm
7
Manual insertion/removal
With boss L type
8
Manual insertion/removal
Without boss 0.6mm type
27.20
7.15
4.85
1.80
18- 0.40
20.95
18.65
16.35
14.05
11.75
9.45
Card & Connector center
Connector center
24.80
2-φ
1
30
4.85
1.80
18- 0.80
30.60
min.
26.30
max.
24.80
20.95
18.65
16.35
14.05
11.75
9.45
7.15
23.40min.
27.80min.
:No Part Area
:Land
:No Pattern Area
1.10
0.50
:No Part Area
:Land
:No Pattern Area
23.40 min.
27.80 min.
4.85
1.80
18- 0.80
26.55
20.95
18.65
16.35
14.05
11.75
9.45
7.15
27.20
2- 0.60
Connector center
26.90
7.15
4.85
1.80
18- 0.40
20.95
18.65
16.35
14.05
11.75
9.45
Card & Connector center
Connector for W-SIM
SCZA Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com