Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ARHZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP125ARHZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ARHZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP125ARHZ-R7 Datasheet HTML 2Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 3Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 4Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 5Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 6Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 7Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 8Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 9Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 6 of
20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
VOUT 2
VOUT SENSE 3
GND 4
VIN
8
VIN
7
NC
6
EN
5
NC = NO CONNECT
ADP124
TOP VIEW
(Not to Scale)
Figure 3. ADP124 Fixed Output Pin Configuration
VOUT 1
VOUT 2
ADJ 3
GND 4
VIN
8
VIN
7
NC
6
EN
5
NC = NO CONNECT
ADP125
TOP VIEW
(Not to Scale)
Figure 4. ADP125 Adjustable Output Pin Configuration
Table 5. Pin Function Descriptions
Mnemonic
Pin No.
ADP124
ADP125
Description
1
VOUT
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
2
VOUT
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
3
VOUT SENSE
N/A
Feedback Node for the Error Amplifier. Connect to VOUT.
N/A
ADJ
Feedback Node for the Error Amplifier. Connect the midpoint of an external divider from
VOUT to GND to this pin to set the output voltage.
4
GND
GND
Ground.
5
EN
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator.
For automatic startup, connect EN to VIN.
6
NC
NC
No Connect. This pin is not connected internally.
7
VIN
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
8
VIN
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
EP
EP
The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com