Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ARHZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP125ARHZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ARHZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP125ARHZ-R7 Datasheet HTML 11Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 12Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 13Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 14Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 15Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 16Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 17Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 18Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 15 of
20
JUNCTION TEMPERATURE CALCULATIONS
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 500mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
ILOAD = 400mA
ILOAD = 1mA
Figure 34. Junction Temperature vs. Power Dissipation,
1000 mm2 of PCB Copper, TA = 25°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 500mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 1mA
ILOAD = 400mA
ILOAD = 300mA
ILOAD = 200mA
Figure 35. Junction Temperature vs. Power Dissipation,
500 mm2 of PCB Copper, TA = 25°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 500mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
ILOAD = 400mA
ILOAD = 1mA
Figure 36. Junction Temperature vs. Power Dissipation,
40 mm2 of PCB Copper, TA = 25°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 150mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 75mA
ILOAD = 50mA
ILOAD = 25mA
Figure 37. Junction Temperature vs. Power Dissipation,
1000 mm2 of PCB Copper, TA = 50°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 500mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 400mA
ILOAD = 300mA
ILOAD = 200mA I
LOAD = 100mA
Figure 38. Junction Temperature vs. Power Dissipation,
500 mm2 of PCB Copper, TA = 50°C
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
TJ MAX
ILOAD = 300mA
ILOAD = 200mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 400mA
Figure 39. Junction Temperature vs. Power Dissipation,
40 mm2 of PCB Copper, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com