Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ARHZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP125ARHZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ARHZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP125ARHZ-R7 Datasheet HTML 8Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 9Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 10Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 11Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 12Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 13Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 14Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 15Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 12 of
20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP124/ADP125 are designed for operation with small,
space-saving ceramic capacitors, but these devices can function
with most commonly used capacitors as long as care is taken to
ensure an appropriate effective series resistance (ESR) value. The
ESR of the output capacitor affects the stability of the LDO control
loop. A minimum of 0.70 μF capacitance with an ESR of 1 Ω or
less is recommended to ensure stability of the ADP124/ADP125.
The transient response to changes in load current is also affected by
the output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP124/ADP125 to
dynamic changes in load current. Figure 28 and Figure 29 show
the transient responses for output capacitance values of 1 μF and
4.7μF, respectively.
M400ns A CH1
200mA
1
2
T
13.20%
VIN = 4V
VOUT = 3.3V
VOUT
IOUT
1mA TO 500mA LOAD STEP
CH1 500mA Ω BW CH2 50.0mV
B
W
Figure 28. Output Transient Response, COUT = 1 μF
M400ns A CH1
200mA
1
2
T
13.60%
VIN = 4V
VOUT = 3.3V
VOUT
IOUT
1mA TO 500mA LOAD STEP
CH1 500mA Ω BW CH2 50.0mV
B
W
Figure 29. Output Transient Response, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 1 μF capacitor from VIN to GND reduces the circuit
sensitivity to the printed circuit board (PCB) layout, especially
when a long input trace or high source impedance is encountered.
If greater than 1 μF of output capacitance is required, the input
capacitor should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADP124/ADP125, as long as the capacitor meets the minimum
capacitance and maximum ESR requirements. Ceramic capacitors
are manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. Capacitors must
have an adequate dielectric to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions.
Using an X5R or X7R dielectric with a voltage rating of 6.3 V or
10 V is recommended. However, using Y5V and Z5U dielectrics
are not recommended for any LDO, due to their poor temperature
and dc bias characteristics.
Figure 30 depicts the capacitance vs. capacitor voltage bias charac-
teristics of an 0402, 1 μF, 10 V X5R capacitor. The voltage stability
of a capacitor is strongly influenced by the capacitor size and the
voltage rating. In general, a capacitor in a larger package or of a
higher voltage rating exhibits better stability. The temperature
variation of the X5R dielectric is about ±15% over the −40°C to
+85°C temperature range and is not a function of package or
voltage rating.
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
0
1234567
BIAS VOLTAGE (V)
Figure 30. Capacitance vs. Capacitor Voltage Bias Characteristics
Equation 1 can be used to determine the worst-case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = C × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CEFF is the effective capacitance at the operating voltage.
C is the rated capacitance value.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com