Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ARHZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP125ARHZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ARHZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP125ARHZ-R7 Datasheet HTML 3Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 4Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 5Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 6Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 7Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 8Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 9Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 10Page - Analog Devices ADP125ARHZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP124/ADP125
Rev. 0 | Page 7 of
20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, VOUT = 3.3V, IOUT = 10 mA, CIN = 1.0 μF, COUT = 1.0 μF, TA = 25°C, unless otherwise noted.
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
–40
–5
+25
+85
+125
JUNCTION TEMPERATURE (°C)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 300mA
IOUT = 500mA
Figure 5. Output Voltage vs. Junction Temperature
3.303
3.304
3.305
3.306
3.307
3.308
3.309
0.1
1
10
100
1000
IOUT (mA)
Figure 6. Output Voltage vs. Load Current
3.292
3.294
3.296
3.298
3.300
3.302
3.304
3.306
3.308
3.310
3.50
4.00
4.50
5.00
5.50
VIN (V)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 300mA
IOUT = 500mA
Figure 7. Output Voltage vs. Input Voltage
50
100
150
200
250
300
–40
–5
+25
+85
+125
JUNCTION TEMPERATURE (°C)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 300mA
IOUT = 500mA
Figure 8. Ground Current vs. Junction Temperature
0
50
100
150
200
250
0.1
1
10
100
1000
ILOAD (mA)
Figure 9. Ground Current vs. Load Current
50
70
90
110
130
150
170
190
210
230
250
3.50
4.00
4.50
5.00
5.50
VIN (V)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 300mA
IOUT = 500mA
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com