Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 17 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 17 Page - ams AG

Back Button AS1109 Datasheet HTML 13Page - ams AG AS1109 Datasheet HTML 14Page - ams AG AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
17 - 26
AS1109
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Error Detection
The AS1109 features two types of error detection. The error detection can be used on-the-fly, for active LEDs, without
any delay, or by entering into low-current diagnosis mode.
Error Detection On-The-Fly
Error detection on-the-fly will output the status of active LEDs during operation. Without choosing an error mode this
will output the temperature flag at every input/output cycle. Triggering one clock pulse for open or two clock pulses for
short detection during error detection mode outputs the detailed open- or short-error report with the next input/output
cycle (see Figure 20). LEDs that are turned off cannot be tested and their digits at the error output must be ignored.
Figure 20. Normal Operation with Error Detection During Operation – 128 Cascaded AS1109s
Error Detection with Low-Current Diagnosis Mode
This unique feature of the AS1109 uses an internal all 1s test pattern for a flicker free diagnosis of all LEDs. This error
detection mode can be started anytime, and does not require any SDI input (see Figure 21).
Figure 21. Low-Current Diagnosis Mode with Internal All 1s Test Pattern – 128 Cascaded AS1109s
Display
SDI
SDO
CLK
OEN
LD
Current
Data1
Data2
Data3
T/O or S Error Code
Data1
T/O or S Error Code
Data0
T/O or S Error Code
Data2
1024x
1024x
1024x
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register is
copied into Shift Register
≤ 100mA
GEF
GEF
GEF = Global Error Flag
Falling Edge of LD; Error Register is
copied into Shift Register
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Data2
Data3
Data4
GEF
1024x
1024x
Data0
Data1
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register
is copied into Shift Register
GEF
O or S Error Code of
All 1s Test Patern
Temperature Error Code
Load Internal All 1s Test Pattern
≤ 100mA
≤ 100mA
2µs Low-Current Diagnosis Mode
3x Clocks Low-
Current Mode
Clock for Error
Mode 1x/2x
Display
SDI
SDO
CLK
OEN
LD
Current
≤ 0.8mA
GEF = Global Error Flag
Data1
Data2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com