Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 19 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 19 Page - ams AG

Back Button AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG AS1109 Datasheet HTML 22Page - ams AG AS1109 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
19 - 26
AS1109
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Constant Current
In LED display applications, the AS1109 provides virtually no current variations from channel-to-channel and from
AS1109-to-AS1109. This is mostly due to 2 factors:
!
While IOUT
≥ 50mA, the maximum current skew is less than ±2% between channels and less than ±2% between
AS1109 devices.
!
In the saturation region, the characteristics curve of the output stage is flat (see Figure 5 on page 7). Thus, the out-
put current can be kept constant regardless of the variations of LED forward voltages (VF).
Adjusting Output Current
The AS1109 scales up the reference current (IREF) set by external resistor (REXT) to sink a current (IOUT) at each out-
put port. As shown in Figure 3 on page 7 the output current in the saturation region is extremely flat so that it is possi-
ble to define it as target current (IOUT TARGET). IOUT TARGET can be calculated by:
VREXT = 1.253V
(EQ 1)
IREF = VREXT/REXT (if the other end of REXT is connected to ground)
(EQ 2)
IOUT TARGET = IREF*15 = (1.253V/REXT)*15
(EQ 3)
Where:
REXT is the resistance of the external resistor connected to pin REXT.
VREXT is the voltage on pin REXT.
The magnitude of current (as a function of REXT) is around 100mA at 186
Ω, 50.52mA at 372Ω and 25.26mA at 744Ω.
Figure 3 on page 7 shows the relationship curve between the IOUT TARGET of each channel and the corresponding
external resistor (REXT).
Package Power Dissipation
The maximum allowable package power dissipation (PD) is determined as:
PD(MAX) = (TJ-TAMB)/RTH(J-A)
(EQ 4)
When 8 output channels are turned on simultaneously, the actual package power dissipation is:
PD(ACT) = (IDD*VDD) + (IOUT*Duty*VDS*8)
(EQ 5)
Therefore, to keep PD(ACT)
≤ PD(MAX), the allowable maximum output current as a function of duty cycle is:
IOUT = {[(TJ-TAMB)/RTH(J-A)]-(IDD*VDD)}/VDS/Duty/8
(EQ 6)
Where:
TJ = 150ºC
Delayed Outputs
The AS1109 has graduated delay circuits between outputs. These delay circuits can be found between OUTNn and
constant current block.
The fixed delay time is 20 ns (typ) where OUTN0 has no delay, OUTN1 has 20ns delay, OUTN2 has 40ns delay ...
OUTN7 has 140ns delay. This delay prevents large inrush currents, which reduce power supply bypass capacitor
requirements when the outputs turn on (see Figure 12 on page 10)
Switching-Noise Reduction
LED drivers are frequently used in switch-mode applications which normally exhibit switching noise due to parasitic
inductance on the PCB.
Load Supply Voltage
Considering the package power dissipation limits (see EQ 4:6), the AS1109 should be operated within the range of
VDS = 0.4 to 1.0V.
For example, if VLED is higher than 5V, VDS may be so high that PD(ACT) > PD(MAX) where VDS = VLED - VF. In this case,
the lowest possible supply voltage or a voltage reducer (VDROP) should be used. The voltage reducer allows
VDS = (VLED -VF) - VDROP.
Note: Resistors or zener diodes can be used as a voltage reducer as shown in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com