Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109 Datasheet(PDF) 18 Page - ams AG

Part # AS1109
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109 Datasheet(HTML) 18 Page - ams AG

Back Button AS1109 Datasheet HTML 14Page - ams AG AS1109 Datasheet HTML 15Page - ams AG AS1109 Datasheet HTML 16Page - ams AG AS1109 Datasheet HTML 17Page - ams AG AS1109 Datasheet HTML 18Page - ams AG AS1109 Datasheet HTML 19Page - ams AG AS1109 Datasheet HTML 20Page - ams AG AS1109 Datasheet HTML 21Page - ams AG AS1109 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
www.austriamicrosystems.com
Revision 1.18
18 - 26
AS1109
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Low-current diagnosis mode is started with 3 clock pulses during error detection mode. After the three pulses of CLK,
a pulse of LD loads the internal all 1s test pattern. Then OEN should be enabled for 2µs for testing. With the rising
edge of OEN the test of the LEDs is stopped and while LD is high the desired error mode can be selected with the cor-
responding clock pulses.
With the next data input the detailed error code will be clocked out at SDO.
Note: See Figure 22 for the use of an external test pattern.
Figure 22. Low-Current Diagnosis Mode with External Test Pattern – 128 Cascaded AS1109s
Cascading Devices
To cascade multiple AS1109 devices, pin SDO must be connected to pin SDI of the next AS1109 (see Figure 23). At
each rising edge of CLK the LSB of the shift register will be written into the shift register SDI of the next AS1109 in the
chain. Data at the SDI pin is clocked in at the rising edge of the CLK pulse and is clocked out at the SDO pin 8.5 clock
cycles later at the falling edge of the CLK pulse.
Note: When n*AS1109 devices are in one chain, n*8 clock pulses are needed to latch-in the input data.
Figure 23. Cascading AS1109 Devices
Temperature Error Code
Data2
Data1
GEF
GEF
T/O or S Error Code
Data0
Rising Edge of OEN
Acquisition of Error Status
Display
SDI
SDO
CLK
OEN
LD
1024x
1024x
3x Clocks
Low-Current
Mode
Clock for Error
Mode 1x/2x
Falling Edge of LD; Error Register
is copied into Shift Register
O or S Error Code
from Test Pattern
1024x
GEF = Global Error Flag
2µs Low-Current Diagnosis Mode
≤ 100mA
≤ 100mA
Current
≤ 0.8mA
Data2
Data3
External all 1s Test Pattern
AS1109 #n-1
SDI
SDO
CLK
LD
OEN
SDI
CLK
LD
OEN
AS1109 #1
SDI
SDO
CLK
LD
OEN
AS1109 #2
SDI
SDO
CLK
LD
OEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com