Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 9 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 9 Page - ams AG

Back Button AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG AS1321 Datasheet HTML 10Page - ams AG AS1321 Datasheet HTML 11Page - ams AG AS1321 Datasheet HTML 12Page - ams AG AS1321 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 13
AS1321
Datasheet - D e t a i l e d D e s c r i p t i o n
Low-Battery Cutoff
The AS1321 SHDNN trip threshold (1.228V) can be used as an input voltage detector that disables the device when
the battery input voltage falls to a pre-set level. An external resistor-divider network can be used to set the battery-
detection voltage (see Figure 18).
Figure 18. Low-Battery Cutoff Application Diagram
For the resistor-divider network shown in Figure 18, calculate the value for R1 by:
R1 = R2 x ((VOFF/VSHDNN) - 1)
(EQ 1)
Where:
VOFF is the battery voltage at which the AS1321 shuts down.
VSHDNN = 1.228V
The value of R2 should be between 100k
Ω and 1MΩ to minimize battery drain.
Note: Input ripple can cause false shutdowns, therefore to minimize the effect of ripple, a low-value capacitor from
SHDNN to GND should be used to filter out input noise. The value of the capacitor should be such that the R/C
time constant is > 2ms.
Power-On Reset
The AS1321 provides a power-on reset output (RESETN) that goes high-impedance when the output reaches 90% of
its regulation point. RESETN goes low when the output is below 90% of the regulation point. A 100k
Ω to 1MΩ pullup
resistor between pin RESETN and pin OUT can provide a microprocessor logic control signal.
Note: Connect pin RESETN to GND when the power-on reset feature is not used.
+1.5 to +5.0V
Battery
+5.0V
Output
COUT
22µF
CIN
22µF
L1
10µH
Power-On
Reset
R3
100k
Ω
10nF
R1
220k
Ω
R2
1M
Ω
AS1321
4
LX
3
GND
2
BATT
6
RESETN
1
SHDNN
5
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com