Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 5 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 5 Page - ams AG

  AS1321 Datasheet HTML 1Page - ams AG AS1321 Datasheet HTML 2Page - ams AG AS1321 Datasheet HTML 3Page - ams AG AS1321 Datasheet HTML 4Page - ams AG AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 13
AS1321
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBATT = 2.0V, VOUT = 5.0V, TAMB = +25°C (unless otherwise specified).
Figure 3. Efficiency vs. Load Current
Figure 4. Efficiency vs. Input Voltage
75
80
85
90
95
100
1
10
100
1000
Load Current (mA)
VBATT = 3V
VBATT = 2.5V
VBATT = 2V
VBATT = 1.5V
VBATT = 3.5V
VBATT = 4.5V
50
60
70
80
90
100
12
34
5
Battery Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 100mA
Figure 5. VOUT vs. VBATT; On, 39
Ω
Figure 6. VOUT vs. VBATT; On, 470
Ω
0
1
2
3
4
5
6
012
345
Battery Voltage (V)
0
1
2
3
4
5
6
012
345
Battery Voltage (V)
Figure 7. VOUT vs. VBATT; Shutdown, 130mA Load
Figure 8. VOUT vs. VBATT; Shutdown, no Load
0
1
2
3
4
5
6
1.5
2
2.5
3
3.5
4
4.5
5
Battery Voltage (V)
0
1
2
3
4
5
6
012
345
Battery Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com