Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 10 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 10 Page - ams AG

Back Button AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG AS1321 Datasheet HTML 10Page - ams AG AS1321 Datasheet HTML 11Page - ams AG AS1321 Datasheet HTML 12Page - ams AG AS1321 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 13
AS1321
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Inductor Selection
The control circuitry of the AS1321 permits a wide range of inductor values to be selected – from 4.7 to 47µH; 10µH is
ideal for most applications.
The intended application should dictate the value of L. The trade-off between required PCB surface area and desired
output ripple are the determining factors: smaller values for L require less PCB space, larger values of L reduce output
ripple. If the value of L is large enough to prevent IMAX from being reached before tON expires, the AS1321 output
power will be reduced.
For maximum output current calculate the value for L as:
(VBATT(MAX) (1µs))/0.7A < L < (VBATT(MIN)(7µs))/0.7A
(EQ 2)
IOUT(MAX) = (0.7A/2)(VBATT(MIN) - (0.7A/2)(RNCH + RIND))/VOUT
(EQ 3)
Where:
RIND is the inductor series resistance.
RNCH is the RDS(ON) of the N-channel MOSFET (0.3
Ω typ).
Note: Coils should be able to handle 500mARMS and have a ISAT
≥ 1A and should have a RIND ≤ 100mΩ.
Capacitor Selection
COUT Selection
Choose a COUT value to achieve the desired output ripple percentage. A 22µF ceramic capacitor is a good initial value.
The value for COUT can be determined by:
COUT > (L + 2.5µH) x VBATT(MAX)
2
/ (r% x 4)
(EQ 4)
Where:
r is the desired output ripple in %.
CIN Selection
CIN reduces the peak current drawn from the battery and can be the same value as COUT. A larger value for CIN can be
used to further reduce ripple and improve AS1321 efficiency.
External Diode
An external Schottky diode must be connected, in parallel with the on-chip synchronous rectifier, from LX to OUT. Use
diodes such as MBR0520L, EP05Q03L, or the generic 1N5817. The diode should be rated for 500mA, since it carries
current during startup and after the synchronous rectifier turns off. The Schottky diode must be connected as close to
the IC as possible. Ordinary rectifier diodes must not be used, since the slow recovery rate will compromise efficiency.
PC Board Layout and Grounding
Well-designed printed circuit-board layout is important for minimizing ground bounce and noise.
!
Place pin GND lead and the ground leads of CIN and COUT as close to the device as possible.
!
Keep the lead to pin LX as short as possible.
!
To maximize output power and efficiency and minimize output ripple voltage, use a ground plane and solder the
GND pin directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com