Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1321 Datasheet(PDF) 1 Page - ams AG

Part # AS1321
Description  130mA Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1321 Datasheet(HTML) 1 Page - ams AG

  AS1321 Datasheet HTML 1Page - ams AG AS1321 Datasheet HTML 2Page - ams AG AS1321 Datasheet HTML 3Page - ams AG AS1321 Datasheet HTML 4Page - ams AG AS1321 Datasheet HTML 5Page - ams AG AS1321 Datasheet HTML 6Page - ams AG AS1321 Datasheet HTML 7Page - ams AG AS1321 Datasheet HTML 8Page - ams AG AS1321 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS1321
130mA Step-Up DC-DC Converter
www.austriamicrosystems.com
Revision 1.02
1 - 13
Datasheet
1 General Description
The AS1321 is a high-efficiency step-up DC-DC con-
verter designed to generate a fixed output voltage of
+5.0V.
The AS1321 achieves an efficiency of up to 96%. The
minimum input voltage is +1.5V, the output voltage is
fixed at +5.0V, and output current is up to 130mA
(@ 2V VBATT).
In order to save power the AS1321 features a shutdown
mode, where it draws less than 1µA. In shutdown mode
the battery is connected directly to the output enabling
the supply of real-time-clocks.
The AS1321 provides a power-on reset output that goes
high-impedance when the output reaches 90% of its reg-
ulation point.
The SHDNN trip threshold of the AS1321 can be used
as an input voltage detector that disables the device
when the battery voltage falls to a predetermined level.
An internal synchronous rectifier is included, which is
parallel with the external Schottky diode.
The AS1321 is available in a 6-pin SOT23 package.
Figure 1. AS1321 - Typical Application Diagram
2 Key Features
!
Fixed Output Voltage: +5.0V
!
Output Current: Up to 130mA (@ 2V VBATT)
!
Internal Synchronous Rectifier
!
Shutdown Mode Supply Current: Less Than 1µA
!
Efficiency: Up to 96%
!
Minimum Input Voltage: +1.5V
!
Accurate Shutdown Low-Battery Cutoff Threshold
!
Battery Input Connected to Pin OUT in Shutdown
Mode for Backup Power
!
6-pin SOT23 Package
3 Applications
The AS1321 is ideal for low-power applications where
ultra-small size is critical as in medical diagnostic equip-
ment, hand-held instruments, pagers, digital cameras,
remote wireless transmitters, cordless phones, and PC
cards.
The device is also perfect as a local +5.0V supply or as
a battery backup.
AS1321
+1.5V to +5.0V
Battery
+5.0V
Output
COUT
22µF
CIN
22µF
L1
10µH
RESETN
Output
R1
100k
Ω
On
Off
4
LX
3
GND
2
BATT
6
RESETN
1
SHDNN
5
OUT


Similar Part No. - AS1321

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1321 AMSCO-AS1321 Datasheet
333Kb / 12P
130mA Step-Up DC-DC Converter
AS1321-T AMSCO-AS1321-T Datasheet
333Kb / 12P
130mA Step-Up DC-DC Converter
More results

Similar Description - AS1321

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
ams AG
AS1321 AMSCO-AS1321 Datasheet
333Kb / 12P
130mA Step-Up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com