Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1325 Datasheet(PDF) 8 Page - ams AG

Part # AS1325
Description  300mA Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1325 Datasheet(HTML) 8 Page - ams AG

Back Button AS1325 Datasheet HTML 4Page - ams AG AS1325 Datasheet HTML 5Page - ams AG AS1325 Datasheet HTML 6Page - ams AG AS1325 Datasheet HTML 7Page - ams AG AS1325 Datasheet HTML 8Page - ams AG AS1325 Datasheet HTML 9Page - ams AG AS1325 Datasheet HTML 10Page - ams AG AS1325 Datasheet HTML 11Page - ams AG AS1325 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
8 - 17
AS1325
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
5.0V Characteristics
VOUT = 5.0V, VBATT = +2V, TAMB = +25ºC, 10µH (MOS6020-103ML) Inductor, 22µF (C1210C226K9PAK) CIN and COUT
Figure 15. VOUT vs. VBATT; On, 39
Ω
Figure 16. VOUT vs. VBATT; On, 470
Ω
Figure 17. VOUT vs. VBATT; Shutdown, 180mA Load
Figure 18. VOUT vs. VBATT; Shutdown, No Load
Figure 19. Maximum Output Current vs. VBATT
Figure 20. Startup Voltage vs. Load Resistance
0
1
2
3
4
5
6
01
23
45
Battery Voltage (V)
0
1
2
3
4
5
6
01
23
45
Battery Voltage (V)
0
1
2
3
4
5
12
34
5
Battery Voltage (V)
0
1
2
3
4
5
6
01234
56
Battery Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
10
100
1000
10000
Load Resistance (Ohm)
100
200
300
400
500
600
11.5
22.5
33.5
44.5
Battery Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com