Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1325 Datasheet(PDF) 13 Page - ams AG

Part # AS1325
Description  300mA Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1325 Datasheet(HTML) 13 Page - ams AG

Back Button AS1325 Datasheet HTML 9Page - ams AG AS1325 Datasheet HTML 10Page - ams AG AS1325 Datasheet HTML 11Page - ams AG AS1325 Datasheet HTML 12Page - ams AG AS1325 Datasheet HTML 13Page - ams AG AS1325 Datasheet HTML 14Page - ams AG AS1325 Datasheet HTML 15Page - ams AG AS1325 Datasheet HTML 16Page - ams AG AS1325 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
13 - 17
AS1325
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Inductor Selection
The control circuitry of the AS1325 permits a wide range of inductor values to be selected – from 4.7 to 22µH; The sys-
tem is optimized for 10µH.
The intended application should dictate the value of L. The trade-off between required PCB surface area and desired
output ripple are the determining factors: smaller values for L require less PCB space, larger values of L reduce output
ripple. If the value of L is large enough to prevent IMAX from being reached before tON expires, the AS1325 output
power will be reduced.
Note: Coils should be able to handle 500mARMS and have a ISAT
≥ 1A and should have a RIND ≤ 100mΩ.
Figure 29. Efficiency Comparison of Different Inductors;
Figure 30. Efficiency Comparison of Different Inductors;
VIN = 2.5V, VOUT = 3.3V
VIN = 3.0V, VOUT = 3.3V
Table 5. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
MOS6020-103ML
10µH
93m
Ω
1A
6.8x6.0x2.4mm
Coilcraft
www.coilcraft.com
MOS6020-472ML
4.7µH
50m
Ω
1.5A
6.8x6.0x2.4mm
MOS6020-332ML
3.3µH
46m
Ω
1.8A
6.8x6.0x2.4mm
CDRH4D18-100
10µH
200m
Ω
0.61A
6.9x5.0x2.0mm
Sumida
www.sumida.com
CDRH4D18-6R8
6.8µH
200m
Ω
0.76A
6.9x5.0x2.0mm
CR43-6R8
6.8µH
131.2m
Ω
0.95A
4.8x4.3x3.5mm
CDRH4D18-4R7
4.7µH
162m
Ω
0.84A
6.9x5.0x2.0mm
SD0403-6R8M
6.8µH
132m
Ω
0.95A
4.9x4.5x3.2mm
ACT
www.act1.com
SD0403-4R7M
4.7µH
109m
Ω
1.15A
4.9x4.5x3.2mm
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0.1
1
10
100
1000
Output Current (mA)
10uH Coi l c r af t (M OS6020-103M L)
10uH Sumi da (CDRH4D18-100)
6. 8uH Sumi da (CR43-6R8)
6. 8uH A CT (SD0403-6R8M -02)
4. 7uH Coi l c r af t (MOS6020-472ML)
4. 7uH Sumi da (CDRH4D18-4R7)
4. 7uH A CT (SD0403-4R7M -02)
3. 3uH Coi l c r af t (MOS6020-332ML)
58
62
66
70
74
78
82
86
90
94
0.1
1
10
100
1000
Output Current (mA)
10uH Coi l c r af t (M OS6020-103M L)
10uH Sumi da (CDRH4D18-100)
6. 8uH Sumi da (CR43-6R8)
6. 8uH A CT (SD0403-6R8M -02)
4. 7uH Coi l c r af t (M OS6020-472M L)
4. 7uH Sumi da (CDRH4D18-4R7)
4. 7uH A CT (SD0403-4R7M -02)
3. 3uH Coi l c r af t (M OS6020-332M L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com