Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1325 Datasheet(PDF) 2 Page - ams AG

Part # AS1325
Description  300mA Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1325 Datasheet(HTML) 2 Page - ams AG

  AS1325 Datasheet HTML 1Page - ams AG AS1325 Datasheet HTML 2Page - ams AG AS1325 Datasheet HTML 3Page - ams AG AS1325 Datasheet HTML 4Page - ams AG AS1325 Datasheet HTML 5Page - ams AG AS1325 Datasheet HTML 6Page - ams AG AS1325 Datasheet HTML 7Page - ams AG AS1325 Datasheet HTML 8Page - ams AG AS1325 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
2 - 17
AS1325
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Name
Pin Number
Description
SHDNN
1
Active-Low Logic Shutdown Input
0 = The AS1325 is off and the supply current is
≤ 1µA (typ).
1 = The AS1325 is on.
BATT
2
Battery Voltage Input
GND
3
Ground
LX
4
External Inductor Connection
OUT
5
Output Voltage
RESETN
6
Active-Low reset output
AS1325
1
BATT
2
3
6
5
4
GND
SHDNN
OUT
LX
RESETN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com