Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1325 Datasheet(PDF) 14 Page - ams AG

Part # AS1325
Description  300mA Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1325 Datasheet(HTML) 14 Page - ams AG

Back Button AS1325 Datasheet HTML 9Page - ams AG AS1325 Datasheet HTML 10Page - ams AG AS1325 Datasheet HTML 11Page - ams AG AS1325 Datasheet HTML 12Page - ams AG AS1325 Datasheet HTML 13Page - ams AG AS1325 Datasheet HTML 14Page - ams AG AS1325 Datasheet HTML 15Page - ams AG AS1325 Datasheet HTML 16Page - ams AG AS1325 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
14 - 17
AS1325
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Capacitor Selection
Low ESR capacitors (X5R or X7R) should be used to minimize the output voltage ripple.
COUT Selection
Choose a COUT value to achieve the desired output ripple. A 22µF ceramic capacitor is a good initial value. A larger
value for COUT can be used to further reduce ripple and improve AS1325 efficiency.
CIN Selection
CIN reduces the peak current drawn from the battery and can be the same value as COUT.
External Diode (5V Output only)
An external Schottky diode must be connected, in parallel with the on-chip synchronous rectifier, from LX to OUT. Use
diodes such as MBR0520L, EP05Q03L, or the generic 1N5817. The diode should be rated for 500mA, since it carries
current during startup and after the synchronous rectifier turns off. The Schottky diode must be connected as close to
the IC as possible. Ordinary rectifier diodes must not be used, since the slow recovery rate will compromise efficiency.
PC Board Layout and Grounding
Well-designed printed circuit-board layout is important for minimizing ground bounce and noise.
!
Place pin GND lead and the ground leads of CIN and COUT as close to the device as possible.
!
Keep the lead to pin LX as short as possible.
!
To maximize output power and efficiency and minimize output ripple voltage, use a ground plane and solder the
GND pin directly to the ground plane.
Table 6. Recommended Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
C1210C226K9PAK
22µF ±10%
X5R
6.3V
3.2x2.5x1.5mm
Kemet
www.kemet.com
JMK212BJ226MG-T
22µF ±20%
X5R
6.3V
2x1.3x1.3mm
Taiyo Yuden
www.t-yuden.com
Table 7. Recommended Input Capacitor
Part Number
C
TC Code Rated Voltage
Dimensions (L/W/T)
Manufacturer
C1210C226K9PAK
22µF ±10%
X5R
6.3V
3.2x2.5x1.5mm
Kemet
www.kemet.com
GRM31CR70J106KA01L 10µF ±10%
X7R
6.3V
3.2x1.6x1.6mm
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com