Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326B Datasheet(PDF) 12 Page - ams AG

Part # AS1326B
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326B Datasheet(HTML) 12 Page - ams AG

Back Button AS1326B Datasheet HTML 8Page - ams AG AS1326B Datasheet HTML 9Page - ams AG AS1326B Datasheet HTML 10Page - ams AG AS1326B Datasheet HTML 11Page - ams AG AS1326B Datasheet HTML 12Page - ams AG AS1326B Datasheet HTML 13Page - ams AG AS1326B Datasheet HTML 14Page - ams AG AS1326B Datasheet HTML 15Page - ams AG AS1326B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.austriamicrosystems.com
Revision 1.05
12 - 18
AS1326
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Setting the Switch Current Limit
The ISET pin is used to adjust the inductor current limit and to implement the soft-start feature.
With pin ISET connected to pin REF, the inductor current limit is set to 1.6A. With ISET connected to a resistor-divider
network from pin REF to GND, the current limit is calculated as:
Soft Start
The soft-start feature can be implemented by placing a resistor between pin ISET and pin REF (see Figure 21) and a
capacitor between pin ISET and GND.
Figure 21. Circuit for Soft-Start with Maximum Switch Current Limit
At power-up, ISET is 0V and the LX current is zero. As the capacitor voltage rises, the current increases and the output
voltage rises. The soft-start time constant is:
Where:
RSS
≥ 220kΩ.
Note: Placing a capacitor across the lower resistor of the current-limiting resistor-divider network enables both the
current-limit and soft-start (see Figure 22).
Figure 22. Application Circuit for Soft-Start with Reduced Switch Current Limit
(EQ 2)
ILIMIT
1,6A
VISET
1,25V
----------------
⎝⎠
⎛⎞
⋅
=
RSS
≥220kΩ
CSS
1
ISET
2
REF
AS1326A/
AS1326B
10nF
ILIMIT = 1.6A
tSS = Rss x CSS
(EQ 3)
tSS = RSS x CSS
CSS
1
ISET
2
REF
AS1326A/
AS1326B
10nF
tSS = (Rss1 || Rss2) CSS
RSS2
RSS
≥220kΩ
ILIMIT = 1.6A
Rss2
Rss1 + Rss2
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com