Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326B Datasheet(PDF) 14 Page - ams AG

Part # AS1326B
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326B Datasheet(HTML) 14 Page - ams AG

Back Button AS1326B Datasheet HTML 10Page - ams AG AS1326B Datasheet HTML 11Page - ams AG AS1326B Datasheet HTML 12Page - ams AG AS1326B Datasheet HTML 13Page - ams AG AS1326B Datasheet HTML 14Page - ams AG AS1326B Datasheet HTML 15Page - ams AG AS1326B Datasheet HTML 16Page - ams AG AS1326B Datasheet HTML 17Page - ams AG AS1326B Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.austriamicrosystems.com
Revision 1.05
14 - 18
AS1326
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Input and Output Filter Capacitors
Choose input and output filter capacitors that will service the input and output peak currents with acceptable voltage
ripple. Choose input capacitors with voltage ratings greater than the maximum input voltage, and output capacitors
with voltage ratings greater than the output voltage.
Figure 25. Application Circuits using External Schottky Diode for Output Voltages Greater than 4V, or for Low-
Voltage Startup Assistance
Table 8. Recommended Input Capacitor
Part Number
C
ESR
Rated Voltage
Dimensions (L/W/T)
Manufacturer
TPSC336K010R0150
33µF ±10%
150m
Ω
10V
6x3.2x2.6mm
AVX Corp
www.avxcorp.com
T495V336K010ATE100
33µF ±10%
100m
Ω
10V
7.3x4.3x2mm
Kemet
www.kemet.com
A700V226M006ATE028
22µF ±20%
28m
Ω
6.3V
7.3x4.3x2mm
EEFCD0K330R
33µF ±20%
18m
Ω
8V
7.3x4.3x1.8mm
Panasonic
www.panasonic.com
Table 9. Recommended Output Capacitor
Part Number
C
ESR
Rated Voltage
Dimensions (L/W/T)
Manufacturer
TPSD107K010R0050
100µF
±10%
50m
Ω
10V
7.3x4.3x2.9mm
AVX Corp
www.avxcorp.com
T495D107M010ATE050
100µF
±20%
50m
Ω
10V
7.3x4.3x2.8mm
Kemet
www.kemet.com
A700V826M006ATE018
82µF ±20%
18m
Ω
6.3V
7.3x4.3x2mm
EEFUD0J101R
100µF
±20%
15m
Ω
6.3V
7.3x4.3x2.8mm
Panasonic
www.panasonic.com
10Ω
9
POUT
10nF
33µF
AS1326A
10
ONN
6
CLK/SEL
1
ISET
2
REF
4
FB
3
GND
7
PGND
8
LX
3.3µH
+
VIN = 0.7V
to VOUT
5
OUT
100µF
+
330nF
VOUT = 3.3V
MBR0520L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com