Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326B Datasheet(PDF) 13 Page - ams AG

Part # AS1326B
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326B Datasheet(HTML) 13 Page - ams AG

Back Button AS1326B Datasheet HTML 9Page - ams AG AS1326B Datasheet HTML 10Page - ams AG AS1326B Datasheet HTML 11Page - ams AG AS1326B Datasheet HTML 12Page - ams AG AS1326B Datasheet HTML 13Page - ams AG AS1326B Datasheet HTML 14Page - ams AG AS1326B Datasheet HTML 15Page - ams AG AS1326B Datasheet HTML 16Page - ams AG AS1326B Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.austriamicrosystems.com
Revision 1.05
13 - 18
AS1326
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Inductor Selection
The AS1326A/AS1326B high switching-frequency allows the use of a small 3.3µH surface-mount inductor. The induc-
tor should generally have a saturation current rating exceeding the N-channel switch current limit; however, it is
acceptable to bias the inductor current into saturation by as much as 20% if a slight reduction in efficiency is accept-
able.
Lower current-rated inductors may be used if ISET is used to reduce the peak inductor current (see Setting the Switch
Current Limit on page 12). For high efficiency, select an inductor with a high-frequency ferrite core material to reduce
core losses. To minimize radiated noise, use a toroid or shielded inductor. Connect the inductor from the battery to the
pin LX as close to the device as possible.
Figure 23. Efficiency vs. IOUT; VIN = 2V, VOUT = 3.3V
Figure 24. Efficiency vs. IOUT; VIN = 3V, VOUT = 5V
External Schottky Diode
For output voltages greater than 4V, an external Schottky diode must be connected between pin LX and POUT, in par-
allel with the integrated synchronous rectifier (see Figure 25). The diode should be rated for 0.5A. An external diode is
also recommended for applications that must start with input voltages at or below 1.8V. The Schottky diode carries cur-
rent during startup and after the synchronous rectifier turns off; thus, its current rating only needs to be 500mA.
Note: Connect the diode as close to the IC as possible.
For circuits that do not require startup with inputs below 1.8V and have an output of 4V or less, the external
diode is not needed.
Caution: Do not use ordinary rectifier diodes as their slow switching speeds and long reverse-recovery times render
them unacceptable.
Table 7. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
MOS6020-332
3.3µH
46m
Ω
1.8A
6.8x6.0x2.4mm
Coilcraft
www.coilcraft.com
LPS4018-332
3.3µH
80m
Ω
2.0A
4x4x1.8mm
DO1608C-272
2.7µH
80m
Ω
2.1A
6.6x4.45x2.92mm
CDRH5D18NP-4R1N
4.1µH
57m
Ω
1.95A
6x6x2mm
Sumida
www.sumida.com
76
78
80
82
84
86
88
90
92
94
96
0.1
1
10
100
1000
Output Current (mA)
MOS6020-332
DO1608C-272
CDRH5D18NP-4R1N
LPS4018-332
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0.1
1
10
100
1000
Output Current (mA)
MOS6020-332
DO1608C-272
CDRH5D18NP-4R1N
LPS4018-332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com