Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326B Datasheet(PDF) 6 Page - ams AG

Part # AS1326B
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326B Datasheet(HTML) 6 Page - ams AG

Back Button AS1326B Datasheet HTML 2Page - ams AG AS1326B Datasheet HTML 3Page - ams AG AS1326B Datasheet HTML 4Page - ams AG AS1326B Datasheet HTML 5Page - ams AG AS1326B Datasheet HTML 6Page - ams AG AS1326B Datasheet HTML 7Page - ams AG AS1326B Datasheet HTML 8Page - ams AG AS1326B Datasheet HTML 9Page - ams AG AS1326B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.austriamicrosystems.com
Revision 1.05
6 - 18
AS1326
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Circuit of Figure 19, VIN = 2.4V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
Figure 3. Efficiency vs. Output Current, VOUT = 3.3V
Figure 4. Efficiency vs. Output Current, VOUT = 5.0V
Figure 5. Maximum Output Current vs. Input Voltage;
Figure 6. No-Load Current vs. Input Voltage;
Figure 7. Internal Oscillator Frequency vs. Temp;
Figure 8. Total Shutdown Current vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
VIN = 1.2V
VIN = 0.9V
VIN = 2.4V
Continuous Mode
Powersave Mode
Powersave Mode
Continuous Mode
VIN = 3.6V
VIN = 3.0V
VIN = 2.4V
100
200
300
400
500
600
700
800
900
0.51
1.52
2.53
3.54
Input Voltage (V)
0
100
200
300
400
500
0
0.5 1
1.5 2
2.5 3 3.5 4 4.5 5
Input Voltage (V)
VOUT = 5V
VOUT = 3.3V
VOUT = 3.3V
VOUT = 5V
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
-40
-15
10
35
60
85
Temperature (°C)
0.01
0.1
1
10
00.5 11.5 2
2.5 33.5 44.5 5
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com