Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1507 Datasheet(PDF) 11 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 11 Page - ams AG

Back Button AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG AS1507 Datasheet HTML 10Page - ams AG AS1507 Datasheet HTML 11Page - ams AG AS1507 Datasheet HTML 12Page - ams AG AS1507 Datasheet HTML 13Page - ams AG AS1507 Datasheet HTML 14Page - ams AG AS1507 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 17
AS1507
Data Sheet - D e t a i l e d D e s c r i p t i o n
Commands
Write Wiper Register
This is a 16-bit command (see Figure 22 on page 12). The first byte represents the command word starting with the
MSB bit of the command, the second byte represents the data written to the wiper register (starting with the MSB).
Data 0000 0000 the wiper moves the closest position to LOW, with data 1111 1111 the wiper moves to the closest posi-
tion to HIGH. The wiper registers can be written independently in two write cycles with different data or in one write
cycle with the same data.
Note: At power-up the wiper position stored in the non-volatile memory are automatically loaded into the wiper regis-
ter, the wiper moves to the related position.
Write to Non-Volatile Register
This is a 16-bit command (see Figure 22 on page 12). The first byte represents the command word starting with the
MSB bit of the command, the second byte represents the data written to the non-volatile memory. The wiper position is
not changed by this command, since the wiper register is not affected. The non-volatile registers can be written inde-
pendently in two write cycles with different data or in one write cycle with the same data.
There is a write non-volatile register time defined in the timing specification, which is required for storing the data in the
non-volatile register. The READY pin indicates the write time with an active-low signal. During this time the device
must not be powered down, otherwise the data stored in the non-volatile register is corrupted.
Copy Wiper Register to Non-Volatile Register
This command can be implemented as an 8- or 16-bit command. The data stored in the wiper register are transferred
to the non-volatile memory, to keep the data during power-down. There is no automatic trigger of this command during
power-down of the device. This command must be triggered before powering down the device.
There is a write non-volatile register time defined in the timing specification, which is required for storing the data in the
non-volatile register. During this time the device must not be powered down, otherwise the data stored in the non-vola-
tile register is corrupted.
Copy Non-Volatile Register to Wiper Register
This command can be implemented as an 8- or 16-bit command. The data stored in the non-volatile register are trans-
ferred to the wiper register, the wiper register moves to the stored position. This command is automatically executed
during power up of the system.
Read Non-Volatile Register
The AS1507 features the capability to read the data from the non-volatile register via the SPI interface (see Figure 23
on page 12). This command can be implemented as an 8- or 16-bit command. The SDIO pin is a bi-directional pin.
During the CSN low phase of the sequence the SDIO pin is used as input pin to set the command byte. After CSN ris-
ing edge the pin SDIO is set as output pin, the data stored in the non-volatile register are read serially, MSB first.
The data propagation starts at the second rising edge of SCLK after the rising edge of CSN. CSN must be high during
the read operation. With the next falling edge of CSN the SDIO pin is set to an input pin again.
Read Wiper Register
The AS1507 features the capability to read the data from the wiper register via the SPI interface (see Figure 23 on
page 12). This command can be implemented as an 8- or 16-bit command. The SDIO pin is a bi-directional pin. During
the CSN low phase of the sequence, the SDIO pin is used as input pin to set the command byte. After CSN rising edge
the pin SDIO is set as output pin, the data stored in the wiper register are read serially, MSB first. The wiper position is
unchanged.
The data propagation starts at the second rising edge of SCLK after the rising edge of CSN. CSN must be high during
the read operation. With the next falling edge of CSN the SDIO pin is set to an input pin again.
Mute Command
When a high signal is applied on the MUTE pin both wiper positions are set to zero permanently. While in mute opera-
tion SPI commands to wiper registers are not executed. Data stored in non-volatile registers are not affected by the
mute command. The MUTE pin includes a pull-down resistor. If a mute function is not required the pin can be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com